|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Laser detectors K DNH OESI HPI-14262 DIMENSIONS HPI-14262 is silicon PIN photodiodes for detecting laser beam. HPI-14262 has active areas for tracking on both sides of four segmented photodiodes. (Unit : mm) FEATURES USix segmented photodiodes APPLICATIONS UOptical pick up MAXIMUM RATINGS Item Reverse voltage Power dissipation Operating temp. Storage temp. *1 Soldering temp. (Ta=2...) 5 Symbol VR PD Topr. Tstg. Tsol. Rating 30 30 -20~+85 -40~+100 260 Unit V mW ... ... ... *1. For MAX.2 seconds at the position of 0.5mm from the package ELECTRO-OPTICAL CHARACTERISTICS Item Open circuit voltage Light current Sensitivity Dark current Capacitance Spectral sensitivity Peak wavelength Half angle (Ta=2...) 5 Symbol Vop L I S Id Ct *I *Ip **E Conditions EV=1000lx *2 V=1,000lx VR=10V,E *I=680nm p VR=10V VR=10V,f=1MHz Min. 0.4 Typ. 0.38 (1)0.02 (2)0.1 Max. Unit. V *I A A/W nA pF nm nm deg. 0.5 (1)4 (2)6 10 400 1100 800 ae 5 6 *2. Color temp.=2856K standard Tungsten lamp - 1- Laser detectors HPI-14262 Power dissipation Vs. Ambient temperature Light current Vs. Illuminance Dark current Vs. Ambient temperature Relative sensitivity Vs. Wavelength Dark current Vs. Reverse voltage Radiant Pattern Capacitance between terminals Vs. Reverse voltage - 2- |
Price & Availability of HPI-14262 |